? semiconductor components industries, llc, 2010 may, 2010 ? rev. 4 1 publication order number: ntmfs4839n/d ntmfs4839n power mosfet 30 v, 66 a, single n ? channel, so ? 8fl features ? low r ds(on) to minimize conduction losses ? low capacitance to minimize driver losses ? optimized gate charge to minimize switching losses ? these are pb ? free devices* applications ? refer to application note and8195/d ? cpu power delivery ? dc ? dc converters maximum ratings (t j = 25 c unless otherwise stated) parameter symbol value unit drain ? to ? source voltage v dss 30 v gate ? to ? source voltage v gs 20 v continuous drain current r ja (note 1) steady state t a = 25 c i d 15 a t a = 85 c 11 power dissipation r ja (note 1) t a = 25 c p d 2.17 w continuous drain current r ja (note 2) t a = 25 c id 9.5 a t a = 85 c 7.0 power dissipation r ja (note 2) t a = 25 c p d 0.87 w continuous drain current r jc (note 1) t c = 25 c i d 66 a t c = 85 c 48 power dissipation r jc (note 1) t c = 25 c p d 41.7 w pulsed drain current t a = 25 c, t p = 10 s i dm 132 a operating junction and storage temperature t j , t stg ? 55 to +150 c source current (body diode) i s 35 a drain to source dv/dt dv/dt 6 v/ns single pulse drain ? to ? source avalanche energy t j = 25 c, v dd = 30 v, v gs = 10 v, i l = 19 a pk , l = 1.0 mh, r g = 25 eas 180.5 mj lead temperature for soldering purposes (1/8? from case for 10 s) t l 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. surface ? mounted on fr4 board using 1 sq ? in pad, 1 oz cu. 2. surface ? mounted on fr4 board u sing the minimum recommended pad size. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. so ? 8 flat lead case 488aa style 1 marking diagram http://onsemi.com a = assembly location y = year ww = work week = pb ? free package (note: microdot may be in either location) 4839n ayww 1 v (br)dss r ds(on) max i d max 30 v 5.5 m @ 10 v 66 a 9.5 m @ 4.5 v g (4) s (1,2,3) n ? channel mosfet d (5,6) device package shipping ? ordering information NTMFS4839NT1G so ? 8fl (pb ? free) 1500 / tape & reel ntmfs4839nt3g so ? 8fl (pb ? free) 5000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. s s s g d d d d
ntmfs4839n http://onsemi.com 2 thermal resistance maximum ratings parameter symbol value unit junction ? to ? case (drain) r jc 3.0 c/w junction ? to ? ambient ? steady state (note 3) r ja 57.7 junction ? to ? ambient ? steady state (note ) r ja 143.4 3. surface ? mounted on fr4 board using 1 sq ? in pad, 1 oz cu. 4. surface ? mounted on fr4 board using the minimum recommended pad size. electrical characteristics (t j = 25 c unless otherwise specified) parameter symbol test condition min typ max unit off characteristics drain ? to ? source breakdown voltage v (br)dss v gs = 0 v, i d = 250 a 30 v drain ? to ? source breakdown voltage temperature coefficient v (br)dss / t j 25 mv/ c zero gate voltage drain current i dss v gs = 0 v, v ds = 24 v t j = 25 c 1 a t j = 125 c 10 gate ? to ? source leakage current i gss v ds = 0 v, v gs = 20 v 100 na on characteristics (note 5) gate threshold voltage v gs(th) v gs = v ds , i d = 250 a 1.5 2.5 v negative threshold temperature coefficient v gs(th) /t j 5.8 mv/ c drain ? to ? source on resistance r ds(on) v gs = 10 v to 11.5 v i d = 30 a 4.5 5.5 m i d = 15 a 4.5 v gs = 4.5 v i d = 30 a 8.4 9.5 i d = 15 a 8.4 forward transconductance g fs v ds = 15 v, i d = 15 a 14.7 s charges, capacitances & gate resistance input capacitance c iss v gs = 0 v, f = 1 mhz, v ds = 12 v 1588 pf output capacitance c oss 352 reverse transfer capacitance c rss 196 total gate charge q g(tot) v gs = 4.5 v, v ds = 15 v; i d = 30 a 13 18 nc threshold gate charge q g(th) 1.6 gate ? to ? source charge q gs 4.8 gate ? to ? drain charge q gd 5.8 total gate charge q g(tot) v gs = 11.5 v, v ds = 15 v; i d = 30 a 28 nc switching characteristics (note 6) turn ? on delay time t d(on) v gs = 4.5 v, v ds = 15 v, i d = 15 a, r g = 3.0 12 ns rise time t r 29 turn ? off delay time t d(off) 18 fall time t f 7.0 turn ? on delay time t d(on) v gs = 11.5 v, v ds = 15 v, i d = 15 a, r g = 3.0 8.0 ns rise time t r 21 turn ? off delay time t d(off) 24 fall time t f 7.0 5. pulse test: pulse width 300 s, duty cycle 2%. 6. switching characteristics are independent of operating junction temperatures.
ntmfs4839n http://onsemi.com 3 electrical characteristics (t j = 25 c unless otherwise specified) parameter unit max typ min test condition symbol drain ? source diode characteristics forward diode voltage v sd v gs = 0 v, i s = 30 a t j = 25 c 0.9 1.2 v t j = 125 c 0.8 reverse recovery time t rr v gs = 0 v, dis/dt = 100 a/ s, i s = 30 a 22.2 ns charge time t a 12.5 discharge time t b 9.7 reverse recovery charge q rr 10.8 nc package parasitic values source inductance l s t a = 25 c 0.93 nh drain inductance l d 0.005 nh gate inductance l g 1.84 nh gate resistance r g 3.3 5. pulse test: pulse width 300 s, duty cycle 2%. 6. switching characteristics are independent of operating junction temperatures. 0 10 20 30 40 50 60 70 80 90 012345678 v gs = 3.0 v i d , drain current (a) v ds , drain ? to ? source voltage (v) figure 1. on ? region characteristics 3.5 v 4.0 v 4.2 v 4.4 v 4.6 v 6.0 v t j = 25 c 0 10 20 30 40 50 60 70 80 90 123456 i d , drain current (a) v gs , gate ? to ? source voltage (v) figure 2. transfer characteristics t c = 25 c t c = ? 55 c t c = 125 c 0.004 0.006 0.008 0.01 0.012 2.5 3.5 4.5 5.5 6.5 7.5 8.5 9.5 10.5 11.5 r ds(on) , drain ? to ? source resistance ( ) v gs , gate ? to ? source voltage (v) figure 3. on ? resistance versus gate ? to ? source voltage i d = 30 a t j = 25 c 0.001 0.002 0.003 0.004 0.005 0.006 0.007 0.008 0.009 0.01 10 15 20 25 30 35 40 v gs = 11.5 v v gs = 4.5 v i d , drain current (a) figure 4. on ? resistance versus drain current and temperature r ds(on) , drain ? to ? source resistance ( )
ntmfs4839n http://onsemi.com 4 figure 5. on ? resistance variation with temperature 10 100 1000 10000 100000 4 8 12 16 20 24 28 figure 6. drain ? to ? source leakage current versus voltage v ds , drain ? to ? source voltage (v) i ss , leakage (na) v gs = 0 v t j = 150 c t j = 125 c 1.40 0.60 t j , junction temperature ( c) r ds(on) , drain ? to ? source resistance (normalized) ? 50 25 0 ? 25 50 75 125 i d = 30 a v gs = 10 v & 4.5 v 100 1.00 150 0.80 1.60 1.80 1.20 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 1510 5 0 5 1015202530 gate ? to ? source or drain ? to ? source voltage (v) figure 7. capacitance variation c, capacitance (pf) c iss c oss c rss t j = 25 c c iss c rss 0 2 4 6 8 10 12 0 2.5 5 7.5 10 12.5 15 17.5 20 22.5 25 27.5 30 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 q gd q gs q t v ds v gs q g , total gate charge (nc) v gs, gate ? to ? source voltage (v) figure 8. gate ? to ? source and drain ? to ? source voltage vs. total gate charge v ds, drain ? to ? source voltage (v) i d = 30 a t j = 25 c v gs v ds
ntmfs4839n http://onsemi.com 5 1 10 100 1000 1 10 100 t r t d(off) t d(on) t f v ds = 15 v i d = 30 a v gs = 11.5 v figure 9. resistive switching time variation versus gate resistance r g , gate resistance ( ) t, time (ns) 0 5 10 15 20 25 30 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 figure 10. diode forward voltage versus current v sd , source ? to ? drain voltage (v) i s , source current (a) v gs = 0 v t j = 25 c 0.1 1 10 100 1000 0.1 1 10 100 100 s 1 ms 10 ms dc r ds(on) limit thermal limit package limit figure 11. maximum rated forward biased safe operating area v ds , drain ? to ? source voltage (v) i d , drain current (a) v gs = 20 v single pulse t c = 25 c 10 s 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170 180 190 200 25 50 75 100 125 150 figure 12. maximum avalanche energy versus starting junction temperature t j , starting junction temperature ( c) eas, single pulse drain ? to ? source avalanche energy (mj) i d = 19 a
ntmfs4839n http://onsemi.com 6 package dimensions dfn5 5x6, 1.27p (so ? 8fl) case 488aa ? 01 issue d style 1: pin 1. source 2. source 3. source 4. gate 5. drain 6. drain m 3.00 3.40 0 ??? 3.80 12 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeter. 3. dimension d1 and e1 do not include mold flash protrusions or gate burrs. 1234 5 6 top view side view bottom view d1 e1 d e 2 2 b a 0.20 c 0.20 c 2 x 2 x dim min nom millimeters a 0.90 1.00 a1 0.00 ??? b 0.33 0.41 c 0.23 0.28 d 5.15 bsc d1 4.50 4.90 d2 3.50 ??? e 6.15 bsc e1 5.50 5.80 e2 3.45 ??? e 1.27 bsc g 0.51 0.61 k 0.51 ??? l 0.51 0.61 l1 0.05 0.17 a 0.10 c 0.10 c detail a 14 6 l1 e/2 8x d2 g e2 k b a 0.10 b c 0.05 c l detail a a1 e 3 x c 4 x c seating plane 5 max 1.10 0.05 0.51 0.33 5.10 4.22 6.10 4.30 0.71 ??? 0.71 0.20 m *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 1.270 2x 0.750 1.000 0.905 0.475 4.530 1.530 4.560 0.495 3.200 1.330 0.965 2x 2x 3x 4x 4x on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 ntmfs4839n/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative
|